| データシートサーチシステム |
|
LP2902N データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP2902N データシート(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 11 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage LP324 32V or ± 16V LP2902 26V or ± 13V Differential Input Voltage LP324 32V LP2902 26V Input Voltage (Note 2) LP324 −0.3V to 32V LP2902 −0.3V to 26V Output Short-Circuit to GND Continuous (One Amplifier) (Note 3) V + ≤ 15V and T A = 25˚C ESD Susceptibility (Note 10) ±500V Operating Conditions T JMAX 150˚C θ JA (Note 4) MT Package 154˚C/W N Package 90˚C/W M Package 140˚C/W Operating Temp. Range (Note 5) Storage Temp. Range −65˚C ≤T J≤ 150˚C Soldering Information Wave Soldering(10sec) 260˚C(lead temp.) Convection or Infrared(20sec) 235˚C Electrical Characteristics (Note 6) LP2902 (Note 9) LP324 Symbol Parameter Conditions Tested Design Tested Design Units Typ Limit Limit Typ Limit Limit Limits (Note 7) (Note 8) (Note 7) (Note 8) V OS Input Offset Voltage 24 10 24 9 mV (Max) I B Input Bias Current 2 20 40 210 20 nA (Max) I OS Input Offset Current 0.5 4 8 0.2 2 4 nA (Max) A VOL Voltage Gain R L = 10k to GND V + = 30V 70 40 30 100 50 40 V/mV (Min) CMRR Common Mode Rej. Ratio V + = 30V, 0V ≤ V CM V CM < V +− 1.5 90 80 75 90 80 75 dB (Min) PSRR Power Supply Rej. Ratio V + = 5V to 30V 90 80 75 90 80 75 dB (Min) I S Supply Current R L = ∞ 85 150 250 85 150 250 µA (Max) V O Output Voltage Swing I L = 350µA to GND V CM =0V 3.6 3.4 V +−1.9V 3.6 3.4 V +−1.9V V (Min) I L = 350µA to V + V CM =0V 0.7 0.8 1.0 0.7 0.8 1.0 V (Max) I OUT Source Output Source Current V O =3V V IN (diff) = 1V 10 7 4 10 7 4 mA (Min) I OUT Sink Output Sink Current V O = 1.5V V IN (diff) = 1V 54 3 54 3 mA (Min) I OUT Sink Output Sink Current V O = 1.5V V CM =0V 42 1 42 1 mA (Min) I SOURCE Output Short to GND V IN (diff) = 1V 20 25 35 35 20 25 35 35 mA (Max) I SINK Output Short to V + V IN (diff) = 1V 15 30 45 15 30 45 mA (Max) V OS Drift 10 10 µV/C˚ I OS Drift 10 10 pA/C˚ www.national.com 2 |