データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSD1828Z データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SSD1828Z
部品情報  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

SSD1828Z データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SSD1828Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
iii
7.4
MPU Serial 4-wire Interface.....................................................................................................12
7.5
MPU Serial 3-wire interface.....................................................................................................12
7.6
Graphic Display Data RAM (GDDRAM).................................................................................. 12
7.7
Oscillator Circuit...................................................................................................................... 12
7.8
LCD Driving Voltage Generator and Regulator .................................................................... 13
7.9
161 Bit Latch ............................................................................................................................ 13
7.10
Level selector........................................................................................................................... 13
7.11
HV Buffer Cell (Level Shifter)..................................................................................................13
7.12
Default Value after hardware reset ........................................................................................ 14
7.13
LCD Panel Driving Waveform................................................................................................. 14
COMMAND TABLE .................................................................................................................................... 17
7.14
Read Status Byte ..................................................................................................................... 21
7.15
Data Read / Write ..................................................................................................................... 21
8
COMMAND DESCRIPTIONS .......................................................................................................... 22
8.1
Set Display On/Off ................................................................................................................... 22
8.2
Set Display Start Line.............................................................................................................. 22
8.3
Set Page Address .................................................................................................................... 22
8.4
Set Higher Column Address ................................................................................................... 22
8.5
Set Lower Column Address.................................................................................................... 22
8.6
Set Temperature Coefficient (TC) Value................................................................................ 22
8.7
Set Segment Re-map............................................................................................................... 22
8.8
Set Normal/Reverse Display................................................................................................... 22
8.9
Set Entire Display On/Off ........................................................................................................ 22
8.10
Set LCD Bias ............................................................................................................................ 22
8.11
Software Reset ......................................................................................................................... 23
8.12
Set COM Output Scan Direction............................................................................................. 23
8.13
Set Power Control Register .................................................................................................... 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43