データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320VC5501 データシート(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320VC5501
部品情報  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 データシート(HTML) 68 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 64Page - Texas Instruments TMS320VC5501 Datasheet HTML 65Page - Texas Instruments TMS320VC5501 Datasheet HTML 66Page - Texas Instruments TMS320VC5501 Datasheet HTML 67Page - Texas Instruments TMS320VC5501 Datasheet HTML 68Page - Texas Instruments TMS320VC5501 Datasheet HTML 69Page - Texas Instruments TMS320VC5501 Datasheet HTML 70Page - Texas Instruments TMS320VC5501 Datasheet HTML 71Page - Texas Instruments TMS320VC5501 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 193 page
background image
Functional Overview
68
December 2002 − Revised November 2004
SPRS206H
3.9.5.2
PLL Multiplier Control Register (PLLM)
15
8
Reserved
R, 00000000
75
4
0
Reserved
PLLM
R, 000
R/W, 00000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−16. PLL Multiplier Control Register Layout (0x1C88)
Table 3−13. PLL Multiplier Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15:5
R
00000000000
Reserved. Reads return 0. Writes have no effect.
PLLM
4:0
R/W
00000
PLL multiplier-select
PLLM = 00000−00001:
Reserved
PLLM = 00010:
Times 2
PLLM = 00011:
Times 3
PLLM = 00100:
Times 4
PLLM = 00101:
Times 5
PLLM = 00110:
Times 6
PLLM = 00111:
Times 7
PLLM = 01000:
Times 8
PLLM = 01001:
Times 9
PLLM = 01010:
Times 10
PLLM = 01011:
Times 11
PLLM = 01100:
Times 12
PLLM = 01101:
Times 13
PLLM = 01110:
Times 14
PLLM = 01111:
Times 15
PLLM = 10000−11111:
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More