| データシートサーチシステム |
|
FT121Q-R データシート(PDF) 38 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT121Q-R データシート(HTML) 38 Page - Future Technology Devices International Ltd. |
|
38 / 46 page ![]() Copyright © 2014 Future Technology Devices International Limited 38 Document No.: FT_000648 FT121 ENHANCED USB DEVICE CONTROLLER WITH SPI SLAVE IC Datasheet Version 1.2 Clearance No.: FTDI# 312 9 Package Parameters The FT121 is available in two different packages. The FT121T is the TSSOP-16 package option and the FT121Q is the QFN-16 package option. The solder reflow profile for both packages is described in section 9.5. 9.1 TSSOP-16 Package Dimensions Figure 9-1 TSSOP-16 Package Dimensions The FT121T is supplied in a RoHS compliant 16 pin TSSOP package. The package is lead (Pb) free and uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC. |