| データシートサーチシステム |
|
USB2DM データシート(PDF) 73 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
USB2DM データシート(HTML) 73 Page - Future Technology Devices International Ltd. |
|
73 / 88 page ![]() 73 C opyright © Future T ec hnology Devic es I nternational Limited Datasheet Vinculum-II Embedded Dual USB Host Controller IC V ers ion 1 .7 Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43 11Package Parameters VNC2 is available in six RoHS Compliant packages, three QFN packages (64QFN, 48QFN & 32QFN) and three LQFP packages (64LQFP, 48LQFP & 32LQFP). All packages are lead (Pb) free and use a ‘green’ compound. The packages are fully compliant with European Union directive 2002/95/EC. The mechanical drawings of all six packages are shown in sections 11.2 to 11.7– all dimensions are in millimetres. The solder reflow profile for all packages can be viewed in Section 11.8. 11.1 VNC2 Package Markings An example of the markings on each package is shown in Figure 11.1. The FTDI part number is too long for the 32 QFN package so in this case the last two digits are wrapped down onto the date code line as shown in Figure 11.2. Line 4 - Date Code YY - year year WW - work week XXXXXXXXXX FTDl YYWW VNC2-64Q1A Line 3 – FTDI Part Number including revision. In this case it shows Rev A. Please check for most recent revision. Line 2 – Wafer Lot Number Line 1 – FTDI Logo Figure 11.1 Package Markings XXXXXXXXXX FTDl 1A YYWW VNC2-32Q Figure 11.2 Markings – 32 QFN The last letter of the FTDI part number is the silicon revision number. This may change from A to B to C, etc.,. Please check the part number for the most recent revision. |