データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPV358MM データシート(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LPV358MM
部品情報  General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPV358MM データシート(HTML) 12 Page - National Semiconductor (TI)

Back Button LPV358MM Datasheet HTML 8Page - National Semiconductor (TI) LPV358MM Datasheet HTML 9Page - National Semiconductor (TI) LPV358MM Datasheet HTML 10Page - National Semiconductor (TI) LPV358MM Datasheet HTML 11Page - National Semiconductor (TI) LPV358MM Datasheet HTML 12Page - National Semiconductor (TI) LPV358MM Datasheet HTML 13Page - National Semiconductor (TI) LPV358MM Datasheet HTML 14Page - National Semiconductor (TI) LPV358MM Datasheet HTML 15Page - National Semiconductor (TI) LPV358MM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Application Notes (Continued)
Note that the single-op-amp active filters are used in to the
applications that require low quality factor, Q (
≤ 10), low fre-
quency (
≤ 5KHz), and low gain (≤ 10), or a small value for the
product of gain times Q (
≤ 100). The op amp should have an
open loop voltage gain at the highest frequency of interest at
least 50 times larger than the gain of the filter at this fre-
quency. In addition, the selected op amp should have a slew
rate that meets the following requirement:
SlewRate
≥ 0.5x(ω
HV OPP)X10
−6V/µsec
Where
ω
H is the highest frequency of interest, and VOPP is
the output peak-to-peak voltage.
DS100920-14
FIGURE 9. Simple Low-Pass Active Filter
DS100920-15
FIGURE 10. Frequency Response of Simple Low-pass
Active Filter in Figure 9
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21