| データシートサーチシステム |
|
MLX90367 データシート(PDF) 2 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90367 データシート(HTML) 2 Page - Melexis Microelectronic Systems |
|
2 / 36 page ![]() MLX90367 Triaxis ® ® ® ® Position Sensor IC feat. SENT MLX90367 Page 2 of 36 Datasheet Rev 5.2 Dec. 15, 15 1. Functional Diagram Figure 1: MLX90367 Block Diagram 2. Description The MLX90367 is a monolithic sensor IC sensitive to the flux density applied orthogonally and parallel to the IC surface. The MLX90367 is sensitive to the three components of the flux density applied to the IC (i.e. BX, BY and BZ). This allows the MLX90367 with the correct magnetic circuit to decode the absolute position of any moving magnet (e.g. rotary position from 0 to 360 Degrees or linear displacement, stroke - Figure 2). It enables the design of novel generation of non-contacting position sensors that are frequently required for both automotive and industrial applications. MLX90367 provides SENT Frames encoded according the Throttle sensor format or Secure Sensor format. The circuit delivers enhanced serial messages providing error codes, and user-defined values. Figure 2: Typical application of MLX90367 - Linear VSS VDD Reg M U X µC R O M - F/W RAM EEP ROM - A D G Rev.Pol. & OverVolt. VZ VX VY DSP VDIG Out (SENT) |