| データシートサーチシステム |
|
AM29F016-120 データシート(PDF) 13 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016-120 データシート(HTML) 13 Page - Advanced Micro Devices |
|
13 / 36 page ![]() Am29F016 13 rithm. Upon executing the algorithm, the system is not required to provide further controls or timings. The de- vice will automatically provide adequate internally gen- erated program pulses and verify the programmed cell margin. This automatic programming operation is completed when the data on DQ7 (also used as Data Polling) is equivalent to the data written to this bit at which time the device returns to the read mode and addresses are no longer latched (see Table 6, Write Operation Sta- tus). Therefore, the device requires that a valid address to the device be supplied by the system at this particu- lar instance of time for Data Polling operations. Data Polling must be performed at the memory location which is being programmed. Any commands written to the chip during the Embed- ded Program Algorithm will be ignored. If a hardware reset occurs during the programming operation, the data at that particular location will be corrupted. Programming is allowed in any sequence and across sector boundaries. Beware that a data “0” cannot be programmed back to a “1”. Attempting to do so may ei- ther hang up the device or result in an apparent suc- cess according to the data polling algorithm but a read from reset/read mode will show that the data is still “0”. Only erase operations can convert “0”s to “1”s. Figure 1 illustrates the Embedded Programming Algo- r ithm using typic al command s tr ings and bu s operations. Chip Erase Chip erase is a six bus cycle operation. There are two “unlock” write cycles. These are followed by writing the “set-up” command. Two more “unlock” write cycles are then followed by the chip erase command. Chip erase does not require the user to program the device prior to erase. Upon executing the Embedded Erase Algorithm command sequence the device will automatically program and verify the entire memory for an all zero data pattern prior to electrical erase. The system is not required to provide any controls or tim- ings during these operations. The automatic erase begins on the rising edge of the last WE pulse in the command sequence and termi- nates when the data on DQ7 is “1” (see Write Opera- tion Status section) at which time the device returns to read mode. Figure 2 illustrates the Embedded Erase Algorithm using typical command strings and bus operations. Sector Erase Sector erase is a six bus cycle operation. There are two “unlock” write cycles. These are followed by writing the “set-up” command. Two more “unlock” write cycles are then followed by the sector erase command. The sector address (any address location within the desired sec- tor) is latched on the falling edge of WE, while the com- mand (30H) is latched on the rising edge of WE. After a time-out of 50 µs from the rising edge of the last sec- tor erase command, the sector erase operation will begin. Multiple sectors may be erased sequentially by writing the six bus cycle operations as described above. This sequence is followed with writes of the Sector Erase command to addresses in other sectors desired to be concurrently erased. The time between writes must be less than 50 µs otherwise that command will not be ac- cepted and erasure will start. It is recommended that processor interrupts be disabled during this time to guarantee this condition. The interrupts can be re-en- abled after the last Sector Erase command is written. A time-out of 50 µs from the rising edge of the last WE will initiate the execution of the Sector Erase command(s). If another falling edge of the WE occurs within the 50 µs time-out window the timer is reset. (Monitor DQ3 to determine if the sector erase timer window is still open, see section DQ3, Sector Erase Timer.) Any command other than Sector Erase or Erase Suspend during this period will reset the device to the read mode, ignoring the previous command string. In that case, restart the erase on those sectors and allow them to com- plete.(Refer to the Write Operation Status section for DQ3, Sector Erase Timer, operation.) Loading the sec- tor erase buffer may be done in any sequence and with any number of sectors (0 to 31). Sector erase does not require the user to program the device prior to erase. The device automatically pro- grams all memory locations in the sector(s) to be erased prior to electrical erase. When erasing a sector or sectors the remaining unselected sectors are not af- fected. The system is not required to provide any con- trols or timings during these operations. The automatic sector erase begins after the 50 µs time out from the rising edge of the WE pulse for the last sector erase command pulse and terminates when the data on DQ7, Data Polling, is “1” (see Write Operation Status section) at which time the device returns to the read mode. Data Polling must be performed at an ad- dress within any of the sectors being erased. Figure 2 illustrates the Embedded Erase Algorithm using typical command strings and bus operations. Erase Suspend The Erase Suspend command allows the user to inter- rupt a Sector Erase operation and then perform data reads or programs to a sector not being erased. This command is applicable ONLY during the Sector Erase operation which includes the time-out period for sector erase. The Erase Suspend command will be ignored if written during the Chip Erase operation or Embedded |