データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F160DB75 データシート(PDF) 14 Page - Advanced Micro Devices

部品番号 AM29F160DB75
部品情報  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F160DB75 データシート(HTML) 14 Page - Advanced Micro Devices

Back Button AM29F160DB75 Datasheet HTML 10Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 11Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 12Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 13Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 14Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 15Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 16Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 17Page - Advanced Micro Devices AM29F160DB75 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Am29F160D
13
Write Protect (WP#)
The Write Protect function provides a hardware
method of protecting the 16 Kbyte boot sector without
using VID.
If the system asserts VIL on the WP# pin, the device
disables program and erase functions for the 16 Kbyte
boot sector (SA34 for top boot device and SA0 for bot-
tom boot device) independently of whether those sec-
tors were protected or unprotected using the method
described in “Sector Protection/Unprotection”.
If the system asserts VIH on the WP# pin, the device
reverts to whether the 16 Kbyte boot sector was previ-
ously set to be protected or unprotected using the
method described in “Sector Protection/Unprotection”.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system. The
Sector Unprotect mode is activated by setting the RE-
SET# pin to VID. During this mode, formerly protected
sectors can be programmed or erased by selecting the
sector addresses. Note, however, that the boot sector
will still be protected if WP# is asserted low. Once VID
is removed from the RESET# pin, all the previously pro-
tected sectors are protected again. Figure shows the
algorithm, and Figure 19 shows the timing diagrams,
for this feature.
Figure 1.
Temporary Sector Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sectors unprotected. Boot sector remains
protected if WP# is low.
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46