| データシートサーチシステム |
|
AM29LV256M データシート(PDF) 69 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV256M データシート(HTML) 69 Page - Advanced Micro Devices |
|
69 / 70 page ![]() September 15, 2003 Am29LV256M 67 D A T A SH EET Revision C+1 (May 28, 2003) Global Converted to full datasheet version. Modified SecSi Sector Flash Memory Region section to include ESN references. Erase and Programming Performance Input values into table that were previously TBD. Modified notes. CMOS Compatible Corrected typos in table. Erase and Program Operations and Alternate CE# Controlled Erase and Program Operations Changed the typical for the Accelerated Effective Write Buffer Program Operation for Byte and Word to 6.25 and 12.5. Revision C+2 (June 11, 2003) Global Modified speed grades available. Revision C+3 (September 15, 2003) Ordering Information Added OPN note for ESN feature. Tables 11 & 12 Command Definitions Changed definition BA to XXX for Program/Erase Sus- pend (Note 16) and for Program/Erase Resume (Note 17). Program Suspend/Program Resume Command Sequence Removed - program suspended sector is required when writing this command. AC Characteristics - Hardware Reset Added information for t RB. AC Characteristics - Erase and Program Operations Added information for t BUSY. Trademarks Copyright © 2003 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |