| データシートサーチシステム |
|
AM29F160DB75EC データシート(PDF) 41 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F160DB75EC データシート(HTML) 41 Page - Advanced Micro Devices |
|
41 / 46 page ![]() 40 Am29F160D AC CHARACTERISTICS Alternate CE# Controlled Erase/Program Operations Notes: 1. Not 100% tested. 2. See the “Erase and Programming Performance” section for more information. Parameter Speed Options JEDEC Std. Description 75 90 120 Unit tAVAV tWC Write Cycle Time (Note 1) Min 70 90 120 ns tAVEL tAS Address Setup Time Min 0 ns tELAX tAH Address Hold Time Min 45 45 50 ns tDVEH tDS Data Setup Time Min 30 45 50 ns tEHDX tDH Data Hold Time Min 0 ns tOES Output Enable Setup Time Min 0 ns tGHEL tGHEL Read Recovery Time Before Write (OE# High to WE# Low) Min 0 ns tWLEL tWS WE# Setup Time Min 0 ns tEHWH tWH WE# Hold Time Min 0 ns tELEH tCP CE# Pulse Width Min 35 45 50 ns tEHEL tCPH CE# Pulse Width High Min 20 ns tWHWH1 tWHWH1 Programming Operation (Note 2) Byte Typ 7 µs Word Typ 12 tWHWH2 tWHWH2 Sector Erase Operation (Note 2) Typ 1 sec |