| データシートサーチシステム |
|
AM29PL160CB-70REI データシート(PDF) 39 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PL160CB-70REI データシート(HTML) 39 Page - Advanced Micro Devices |
|
39 / 44 page ![]() 38 Am29PL160C June 12, 2002 ERASE AND PROGRAMMING PERFORMANCE Notes: 1. Typical program and erase times assume the following conditions: 25 °C, 3.0 V V CC, 1,000,000 cycles. Additionally, programming typicals assume checkerboard pattern. 2. Under worst case conditions of 90°C, VCC = 2.7 V, 1,000,000 cycles. 3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maximum program times listed. 4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure. 5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table 10 for further information on command definitions. 6. The device has a minimum erase and program cycle endurance of 1,000,000 cycles. LATCHUP CHARACTERISTICS Includes all pins except VCC. Test conditions: VCC = 3.0 V, one pin at a time. TSOP AND SO PIN CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25°C, f = 1.0 MHz. DATA RETENTION * For reference only. BSC is an ANSI standard for Basic Space Centering. Parameter Typ (Note 1) Max (Note 2) Unit Comments Sector Erase Time 5 60 s Excludes 00h programming prior to erasure (Note 4) Chip Erase Time 40 s Byte Programming Time 7 300 µs Excludes system level overhead (Note 5) Word Programming Time 9 360 µs Chip Programming Time (Note 3) Byte Mode 14 42 s Word Mode 9 27 s Description Min Max Input voltage with respect to VSS on all pins except I/O pins (including A9 and OE#) –1.0 V 12.5 V Input voltage with respect to VSS on all I/O pins –1.0 V VCC + 1.0 V VCC Current –100 mA +100 mA Parameter Symbol Parameter Description Test Setup Typ Max Unit CIN Input Capacitance VIN = 0 6 7.5 pF COUT Output Capacitance VOUT = 0 8.5 12 pF CIN2 Control Pin Capacitance VIN = 0 TSOP 7.5 9 pF SO 8 10 pF Parameter Test Conditions Min Unit Minimum Pattern Data Retention Time 150 °C10 Years 125 °C20 Years |