データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F032B-75SC データシート(PDF) 39 Page - Advanced Micro Devices

部品番号 AM29F032B-75SC
部品情報  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-75SC データシート(HTML) 39 Page - Advanced Micro Devices

Back Button AM29F032B-75SC Datasheet HTML 31Page - Advanced Micro Devices AM29F032B-75SC Datasheet HTML 32Page - Advanced Micro Devices AM29F032B-75SC Datasheet HTML 33Page - Advanced Micro Devices AM29F032B-75SC Datasheet HTML 34Page - Advanced Micro Devices AM29F032B-75SC Datasheet HTML 35Page - Advanced Micro Devices AM29F032B-75SC Datasheet HTML 36Page - Advanced Micro Devices AM29F032B-75SC Datasheet HTML 37Page - Advanced Micro Devices AM29F032B-75SC Datasheet HTML 38Page - Advanced Micro Devices AM29F032B-75SC Datasheet HTML 39Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
38
Am29F032B
REVISION SUMMARY
Revision A (June 1998)
Initial release.
Revision B (July 1998)
Distinctive Characteristics
Changed typical active read current to 30 mA to match
DC Characteristics table.
Operating Ranges
Corrected temperature range descriptions to “ambi-
ent.”
Revision C (January 1999)
Distinctive Characteristics
Added 20-year data retention subbullet.
Revision C+1 (April 14, 1999)
Deleted duplicate sections in the full data sheet.
Data Retention
Added table.
Revision D (November 17, 1999)
AC Characteristics—Figure 11. Program
Operations Timing and Figure 12. Chip/Sector
Erase Operations
Deleted t
GHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision D+1 (December 5, 2000)
Added table of contents.
Ordering Information
Deleted burn-in option.
Trademarks
Copyright © 2000 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39