データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F016-150FIB データシート(PDF) 19 Page - Advanced Micro Devices

部品番号 AM29F016-150FIB
部品情報  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-150FIB データシート(HTML) 19 Page - Advanced Micro Devices

Back Button AM29F016-150FIB Datasheet HTML 15Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 16Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 17Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 18Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 19Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 20Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 21Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 22Page - Advanced Micro Devices AM29F016-150FIB Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Am29F016
19
EMBEDDED ALGORITHMS
Figure 2.
Embedded Erase Algorithm
Start
Erasure Completed
Write Erase Command Sequence
(see below)
Data Polling or Toggle Bit I
Successfully Completed
5555H/AAH
2AAAH/55H
5555H/80H
Chip Erase Command Sequence
(Address/Command):
5555H/AAH
2AAAH/55H
5555H/10H
5555H/AAH
2AAAH/55H
5555H/80H
Individual Sector/Multiple Sector
Erase Command Sequence
(Address/Command):
5555H/AAH
Sector Address/30H
Sector Address/30H
Sector Address/30H
2AAAH/55H
Additional sector
erase commands
are optional
18805C-7
To insure the command has been accepted, the system software should check the status of DQ3 prior to and following
each subsequent sector erase command. If DQ3 were high on the second status check, the command may not have
been accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36