データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FVT25A データシート(PDF) 3 Page - Vishay Siliconix

部品番号 FVT25A
部品情報  Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FVT25A データシート(HTML) 3 Page - Vishay Siliconix

  FVT25A Datasheet HTML 1Page - Vishay Siliconix FVT25A Datasheet HTML 2Page - Vishay Siliconix FVT25A Datasheet HTML 3Page - Vishay Siliconix FVT25A Datasheet HTML 4Page - Vishay Siliconix FVT25A Datasheet HTML 5Page - Vishay Siliconix FVT25A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FVT
www.vishay.com
Vishay Huntington
Revision: 03-Jun-16
3
Document Number: 31838
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
MODEL
A
MAX.
CORE DIMENSIONS
TERMINAL
SETBACK
± 0.031
(0.79)
DISTANCE
CENTER TO
CENTER
(REF.)
TERMINAL DESIGNATION
LENGTH
O.D.
± 0.031
(0.79)
I.D.
± 0.031
(0.79)
STANDARD
OPTIONAL
(QUICK
CONNECT)
FVT005
0.406
(10.31)
1.000
(25.40)
0.313
(7.95)
0.188
(4.78)
0.094
(2.39)
0.625
(15.88)
05
14
FVT010
0.406
(10.31)
1.750
(44.45)
0.313
(7.95)
0.188
(4.78)
0.094
(2.39)
1.375
(34.93)
05
14
FVT020
0.563
(14.30)
2.000
(50.8)
0.438
(11.13)
0.260
(6.60)
0.094
(2.39)
1.625
(41.28)
02
14
FVT20A
0.563
(14.30)
1.500
(38.10)
0.438
(11.11)
0.313
(7.94)
0.094
(2.38)
0.937
(23.80)
02
14
FVT025
0.688
(17.48)
2.000
(50.8)
0.563
(14.30)
0.313
(7.95)
0.094
(2.39)
1.562
(39.67)
06
15
FVT25A
0.906
(23.01)
2.000
(50.8)
0.750
(19.05)
0.500
(12.70)
0.094
(2.39)
1.562
(39.67)
06
15
FVT25B
0.770
(19.56)
2.000
(50.8)
0.625
(15.88)
0.453
(11.51)
0.094
(2.39)
1.562
(39.67)
06
15
FVT050
0.688
(17.48)
4.000
(101.6)
0.563
(14.30)
0.313
(7.95)
0.094
(2.39)
3.562
(90.47)
06
15
FVT50A
0.906
(23.01)
4.000
(101.6)
0.750
(19.05)
0.500
(12.70)
0.062
(1.57)
3.626
(92.10)
06
15
FVT50B
0.906
(23.01)
4.500
(114.3)
0.750
(19.05)
0.547
(13.89)
0.125
(3.18)
4.000
(101.60)
06
15
FVT075
0.688
(17.48)
6.000
(152.4)
0.563
(14.30)
0.313
(7.95)
0.094
(2.39)
5.562
(141.27)
06
15
FVT75A
0.906
(23.01)
6.000
(152.4)
0.750
(19.05)
0.500
(12.70)
0.094
(2.39)
5.562
(141.27)
06
15
FVT080
1.313
(33.34)
4.000
(101.6)
1.125
(28.58)
0.750
(19.05)
0.219
(5.56)
2.812
(71.42)
20
15
FVT100
0.906
(23.01)
6.500
(165.1)
0.750
(19.05)
0.500
(12.70)
0.125
(3.18)
6.000
(152.40)
06
15
FVT130
1.313
(33.35)
6.500
(165.1)
1.125
(28.58)
0.750
(19.05)
0.282
(7.16)
5.374
(136.50)
20
15
FVT160
1.313
(33.35)
8.500
(215.9)
1.125
(28.58)
0.750
(19.05)
0.267
(6.78)
7.404
(188.06)
20
15
FVT175
1.313
(33.34)
8.500
(215.9)
1.125
(28.58)
0.750
(19.05)
0.219
(5.56)
7.312
(185.72)
20
15
FVT200
FVT225
1.313
(33.35)
10.500
(266.7)
1.125
(28.58)
0.750
(19.05)
0.266
(6.76)
9.406
(238.91)
20
15
TERMINAL DIMENSIONS in inches (millimeters)
DIMENSIONS
TERMINAL STYLE
20
02
05
06
14
15
WIDTH A
0.375
(9.53)
0.188
(4.76)
0.188
(4.76)
0.250
(6.35)
0.188
(4.76)
0.250
(6.35)
HEIGHT B
0.562
(14.07)
0.393
(9.98)
0.393
(9.98)
0.500
(12.70)
0.563
(14.29)
0.594
(15.08)
DIAMETER C
0.204
(5.18)
0.133
(3.38)
0.133
(3.38)
0.172
(4.36)
0.050
(1.27)
0.065
(1.65)
THICKNESS D
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.020
(0.51)
0.031
(0.79)
A
O.D.
I.D.
LENGTH
TERMINAL SETBACK
DISTANCE CENTER TO CENTER
D
Styles 14 and 15
B
A
C
B
D
C
A
Style 02, 05, 06,
and 20



Html Pages

1 2 3 4 5 6