| データシートサーチシステム |
|
AM29F016-150SIB データシート(PDF) 21 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016-150SIB データシート(HTML) 21 Page - Advanced Micro Devices |
|
21 / 36 page ![]() Am29F016 21 18805D-9 Figure 4. Toggle Bit I Algorithm Start Fail No Yes DQ6 = Toggle ? Pass Yes No Yes DQ6 is rechecked even if DQ5 = “1” because DQ6 may stop toggling at the same time as DQ5 changing to “1”. DQ6 = Toggle ? DQ5 = 1 ? Yes Read Byte (DQ0–DQ7) Addr = Don’t Care Read Byte (DQ0–DQ7) Addr = Don’t Care No 18805D-11 Figure 6. Maximum Positive Overshoot Waveform 20 ns VCC + 0.5 V 2.0 V 20 ns 20 ns VCC + 2.0 V |