| データシートサーチシステム |
|
LP2987AIM-2.8 データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP2987AIM-2.8 データシート(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 24 page ![]() Ordering Information (LP2987) (Continued) TABLE 1. Package Marking and Ordering Information (Continued) Output Voltage Grade Order Information Package Marking Supplied as: 3.0 STD LP2987IMX-3.0 2987IM3.0 2500 Units on Tape and Reel 3.0 STD LP2987IM-3.0 2987IM3.0 Shipped in Anti-Static Rails 2.8 A LP2987AIMX-2.8 2987AIM2.8 2500 Units on Tape and Reel 2.8 A LP2987AIM-2.8 2987AIM2.8 Shipped in Anti-Static Rails 2.8 STD LP2987IMX-2.8 2987IM2.8 2500 Units on Tape and Reel 2.8 STD LP2987AIM-2.8 2987AIM2.8 Shipped in Anti-Static Rails 8-Lead LLP 5 A LP2987AILD-5 L009A 1000 Units on Tape and Reel 5 A LP2987AILDX-5 L009A 4500 Units on Tape and Reel 5 STD LP2987ILD-5 L009AB 1000 Units on Tape and Reel 5 STD LP2987ILDX-5 L009AB 4500 Units on Tape and Reel 3.3 A LP2987AILD-3.3 L008A 1000 Units on Tape and Reel 3.3 A LP2987AILDX-3.3 L008A 4500 Units on Tape and Reel 3.3 STD LP2987ILD-3.3 L008AB 1000 Units on Tape and Reel 3.3 STD LP2987ILDX-3.3 L008AB 4500 Units on Tape and Reel 3.0 A LP2987AILD-3.0 L007A 1000 Units on Tape and Reel 3.0 A LP2987AILDX-3.0 L007A 4500 Units on Tape and Reel 3.0 STD LP2987ILD-3.0 L007AB 1000 Units on Tape and Reel 3.0 STD LP2987ILDX-3.0 L007AB 4500 Units on Tape and Reel www.national.com 4 |