| データシートサーチシステム |
|
STM32F429I-DISCO データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429I-DISCO データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 4 page ![]() DocID025210 Rev 4 3/4 32F429IDISCOVERY Ordering information 4 Ordering information To order the Discovery kit for the STM32F429 line of microcontrollers, refer to Table 1. Revision history Table 1. List of the order codes Order code ST-LINK version STM32F429I-DISCO ST-LINK/V2 STM32F429I-DISC1 ST-LINK/V2-B Table 2. Document revision history Date Revision Changes 06-Sep-2013 1 Initial version. 29-Sep-2014 2 Updated Section : Features and Section : Description to introduce STM32cubeF4 and STSW-STM32138. Updated ST MEMS feature. Updated Section : System requirements and Section : Development toolchains. 23-Oct-2015 3 Updated Section : Features, Section : Description, Section : Product marking. 28-Oct-2016 4 Updated Section : Features and Section : Description to inform that the new STM32F429I-DISC1 order code has replaced the old STM32F429I-DISCO order code. |