データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F723E-DISCO データシート(PDF) 2 Page - STMicroelectronics

部品番号 STM32F723E-DISCO
部品情報  Discovery kit with STM32F723IE MCU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723E-DISCO データシート(HTML) 2 Page - STMicroelectronics

  STM32F723E-DISCO Datasheet HTML 1Page - STMicroelectronics STM32F723E-DISCO Datasheet HTML 2Page - STMicroelectronics STM32F723E-DISCO Datasheet HTML 3Page - STMicroelectronics STM32F723E-DISCO Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
32F723EDISCOVERY
2/4
DocID029988 Rev 1
Description
The 32F723EDISCOVERY Discovery kit allows users to develop applications with the
microcontrollers of the STM32F7 Series, based on ARM® Cortex®-M7 core.
The 32F723EDISCOVERY Discovery kit enables a wide diversity of applications, taking
benefit from audio, multi-sensor support, graphics, security, video and high-speed
connectivity features.
The PMOD, STMod+ and Arduino™ Uno V3 connectivity support provides unlimited
expansion capabilities with a large choice of specialized add-on boards.
System requirements
•
Windows® OS (XP, 7, 8) or Linux 64-bit or Mac OS® X
•
Type-A to Micro-B USB cable
Development toolchains
•
ARM® Keil®: MDK-ARM(a)
•
IAR™: EWARM(a)
•
GCC-based IDEs: free SW4STM32 from AC6
Demonstration software
The demonstration software is preloaded in the STM32 Flash memory for easy
demonstration of the device peripherals in standalone mode. The latest versions of the
demonstration source code with the associated documentation can be downloaded from the
www.st.com/stm32f7-discovery webpage.
a. On Windows® only.



Html Pages

1 2 3 4