データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HVLED001 データシート(PDF) 16 Page - STMicroelectronics

部品番号 HVLED001
部品情報  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 データシート(HTML) 16 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 12Page - STMicroelectronics HVLED001 Datasheet HTML 13Page - STMicroelectronics HVLED001 Datasheet HTML 14Page - STMicroelectronics HVLED001 Datasheet HTML 15Page - STMicroelectronics HVLED001 Datasheet HTML 16Page - STMicroelectronics HVLED001 Datasheet HTML 17Page - STMicroelectronics HVLED001 Datasheet HTML 18Page - STMicroelectronics HVLED001 Datasheet HTML 19Page - STMicroelectronics HVLED001 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Application information
HVLED001
16/27
DocID027333 Rev 1
Figure 7. Initial start-up phase
7.1.2
Active mode
It is the normal operational mode. During this state the external MOSFET is driven
accordingly to signals coming from the application in order to regulate the desired output
parameter in the closed loop (peak current control method).
The active mode is exited when abnormal conditions are present or the VCC drops below the
VCC,su threshold. The HVSU is inactive during the active mode.
7.1.3
Stop mode
This state is intended to stop the switching activity without turning off the entire function set,
to quickly restart when abnormal or disabling conditions end. During this state the power
consumption is not minimized and the soft-start procedure is not enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27