データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L5988D データシート(PDF) 49 Page - STMicroelectronics

部品番号 L5988D
部品情報  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D データシート(HTML) 49 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 44Page - STMicroelectronics L5988D Datasheet HTML 45Page - STMicroelectronics L5988D Datasheet HTML 46Page - STMicroelectronics L5988D Datasheet HTML 47Page - STMicroelectronics L5988D Datasheet HTML 48Page - STMicroelectronics L5988D Datasheet HTML 49Page - STMicroelectronics L5988D Datasheet HTML 50Page - STMicroelectronics L5988D Datasheet HTML 51Page - STMicroelectronics L5988D Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
DocID15324 Rev 4
49/52
L5988D
Package information
52
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
HTSSOP16 package information
Figure 41. HTSSOP16 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52