データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24SR64-Y データシート(PDF) 21 Page - STMicroelectronics

部品番号 M24SR64-Y
部品情報  Support of NDEF data structure
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24SR64-Y データシート(HTML) 21 Page - STMicroelectronics

Back Button M24SR64-Y Datasheet HTML 17Page - STMicroelectronics M24SR64-Y Datasheet HTML 18Page - STMicroelectronics M24SR64-Y Datasheet HTML 19Page - STMicroelectronics M24SR64-Y Datasheet HTML 20Page - STMicroelectronics M24SR64-Y Datasheet HTML 21Page - STMicroelectronics M24SR64-Y Datasheet HTML 22Page - STMicroelectronics M24SR64-Y Datasheet HTML 23Page - STMicroelectronics M24SR64-Y Datasheet HTML 24Page - STMicroelectronics M24SR64-Y Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
DocID023790 Rev 19
21/90
M24SR64-Y
M24SR64-Y memory management
28
3
M24SR64-Y memory management
3.1
Memory structure
The M24SR64-Y supports the NDEF Tag Application as defined in the NFC Forum Type 4
Tag. The M24SR64-Y is composed of three files:
•
One Capability Container file
•
One NDEF file
•
One System file: this is an ST-proprietary file
The System file contains some information on the configuration of the M24SR64-Y device.
The CC file gives some information about the M24SR64-Y itself and the NDEF file. The
NDEF file contains the User data.
3.1.1
File identifier
The file identifier is the value used in the Select command to select a file.
3.1.2
CC file layout
The CC file gives some information about the M24SR64-Y and the NDEF file. This file is a
read-only file for the RF or I²C host and cannot be modified by issuing a write command.
The T field, Read Access and Write Access fields can be changed by the RF or I²C host by
issuing a specific process (refer to Section 8: Functional procedures).
Table 3. File identifier
File identifier
Meaning
0xE101
System file
0xE103
CC file
0x0001
NDEF file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90