データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC560P60x データシート(PDF) 11 Page - STMicroelectronics

部品番号 SPC560P60x
部品情報  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P60x データシート(HTML) 11 Page - STMicroelectronics

Back Button SPC560P60x Datasheet HTML 7Page - STMicroelectronics SPC560P60x Datasheet HTML 8Page - STMicroelectronics SPC560P60x Datasheet HTML 9Page - STMicroelectronics SPC560P60x Datasheet HTML 10Page - STMicroelectronics SPC560P60x Datasheet HTML 11Page - STMicroelectronics SPC560P60x Datasheet HTML 12Page - STMicroelectronics SPC560P60x Datasheet HTML 13Page - STMicroelectronics SPC560P60x Datasheet HTML 14Page - STMicroelectronics SPC560P60x Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
DocID18340 Rev 6
11/105
SPC56xP54x, SPC56xP60x
Introduction
104
Figure 1. SPC56xP54x/SPC56xP60x block diagram
Cross Bar Switch (XBAR, AMBA 2.0 v6 AHB) XBAR_0
e200z0 Core
Peripheral Bus (IPS)
32-bit
Nexus
port
controller
general
purpose
registers
PMU
Variable
length
encoded
instructions
Integer
execution
unit
Peripheral Bus (IPS)
INTC_0
SWT_0
STM_0
ECSM_0
SEMA4_0
DMAMUX_0
DMA_0
Special
purpose
registers
Branch
prediction
unit
Load/Store
unit
JTAG
Nexus 2+
Exception
handler
Instruction
unit
48KB
SRAM
with ECC
PBRIDGE_0
NASPS_0
SRAMC_0
1024KB
code flash
with ECC
4x16KB
data flash
with ECC
PFLASHC_0
e200z0 Core
32-bit
general
purpose
registers
Variable
length
encoded
instructions
Integer
execution
unit
Special
purpose
registers
Branch
prediction
unit
Load/Store
unit
JTAG
Nexus 2+
Exception
handler
Instruction
unit
INTC_1
SWT_1
STM_1
ECSM_1
SEMA4_1
Memory protection unit MPU_0
Memory protection unit MPU_1
32KB
SRAM
with ECC
NASPS_1
PBRIDGE_1
SRAMC_1
M2
M3
M0
M1
M5
M6
S7
S2
S0
S1
S3
S6
P0
P1
DATA
DATA
INSTR
INSTR
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More