| データシートサーチシステム |
|
SPC560P54x データシート(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560P54x データシート(HTML) 29 Page - STMicroelectronics |
|
29 / 105 page ![]() DocID18340 Rev 6 29/105 SPC56xP54x, SPC56xP60x Package pinouts and signal descriptions 104 Figure 4. LQFP100 pinout (top view)(d) 2.2 Pin descriptions The following sections provide signal descriptions and related information about the functionality and configuration of the SPC56xP54x/SPC56xP60x devices. 2.2.1 Power supply and reference voltage pins Table 5 lists the power supply and reference voltage for the SPC56xP54x/SPC56xP60x devices. d. Availability of port pin alternate functions depends on product selection. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 NMI PA[6] PD[1] PA[7] PC[4] PA[8] PC[5] PA[5] PC[7] PC[3] VSS_LV_COR0 VDD_LV_COR0 VDD_HV_IO1 VSS_HV_IO1 PD[9] VDD_HV_OSC VSS_HV_OSC XTAL EXTAL RESET PD[8] PD[5] PD[6] VSS_LV_COR3 VDD_LV_COR3 PA[4] VPP TEST PD[14] PC[14] PC[13] PD[12] VDD_HV_FL VSS_HV_FL PD[13] VSS_LV_COR1 VDD_LV_COR1 PA[3] VDD_HV_IO2 VSS_HV_IO2 TDO TCK TMS TDI PA[2] PC[12] PC[11] PD[11] PD[10] PA[1] PA[0] LQFP100 Table 5. Supply pins Supply Pin Symbol Description LQFP 100 LQFP 144 LQFP 176(1) VREG control and power supply pins BCTRL Voltage regulator external NPN Ballast base control pin 47 69 81 |