データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56D-DISCOVERY データシート(PDF) 2 Page - STMicroelectronics

部品番号 SPC56D-DISCOVERY
部品情報  A potentiometers for ADC input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56D-DISCOVERY データシート(HTML) 2 Page - STMicroelectronics

  SPC56D-DISCOVERY Datasheet HTML 1Page - STMicroelectronics SPC56D-DISCOVERY Datasheet HTML 2Page - STMicroelectronics SPC56D-DISCOVERY Datasheet HTML 3Page - STMicroelectronics SPC56D-DISCOVERY Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
System requirements, HW and SW resources
SPC56D-Discovery
2/4
DocID025157 Rev 3
1
System requirements, HW and SW resources
1.1
System requirements
•
Windows PC (XP, Vista, 7 or 8)
•
USB type A to mini-B cable‘Development toolchain
•
SPC5Studio (includes Hightec GNU "C" compiler, with a 30-days full free trial support)
1.2
Demonstration software
Demonstration software is preloaded in the MCU flash memory for easy demonstration of
the SPC560D40L1 in stand-alone mode. For more information and to download the latest
version available, please refer to ST web.



Html Pages

1 2 3 4