| データシートサーチシステム |
|
ST6-EPB データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6-EPB データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 3 page ![]() Data brief For further information contact your local STMicroelectronics sales office. October 2010 Doc ID 18050 Rev 1 1/3 3 ST6-EPB ST6 EPROM programmers Features ■ Programming of ST6 devices with EPROM or OTP memory ■ Dedicated EPB for each ST6 microcontroller family with support for all corresponding packages ■ In-situ programming ■ Parallel or serial connection to host PC ■ The EPB programming boards are delivered in a complete package that includes: – Programming board with complete range of sockets –Power supply – Parallel or 25-pin serial cable for host PC interface – Software tools on CD-ROM Description The ST6-EPB programming board is designed for single-site programming of EPROM or OTP ST6 microcontrollers. The ST6-EPB supports two operating modes, either in standalone mode, or whilst connected to a PC. In standalone mode, microcontrollers can be programmed by simple key operation. The programmer also supports Blank-check and Verify tests in standalone mode. The ST6-EPB can be also connected via a serial or parallel interface to a host PC running the ST6 Windows EEPROMER (WINEE software). The ST6 EPROM offers Read, Program, Verify and Blank-check features along with many other functions. Table 1. Device summary Part number Reference ST6-EPB – ST62E2XC-EPB for ST62E0x/T0x/E1x/T1x/E2x/T2x devices – ST62E3X-EPB for ST62E3x/T3x devices – ST62E4XB-EPB for ST62E4x/T4x devices – ST62E6XC-EPB for ST62E5x/T5x/E6x/T6x devices www.st.com Obsolete Product(s) - Obsolete Product(s) |
同様の部品番号 - ST6-EPB |
|
同様の説明 - ST6-EPB |