データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L3GD20H データシート(PDF) 47 Page - STMicroelectronics

部品番号 L3GD20H
部品情報  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20H データシート(HTML) 47 Page - STMicroelectronics

Back Button L3GD20H Datasheet HTML 43Page - STMicroelectronics L3GD20H Datasheet HTML 44Page - STMicroelectronics L3GD20H Datasheet HTML 45Page - STMicroelectronics L3GD20H Datasheet HTML 46Page - STMicroelectronics L3GD20H Datasheet HTML 47Page - STMicroelectronics L3GD20H Datasheet HTML 48Page - STMicroelectronics L3GD20H Datasheet HTML 49Page - STMicroelectronics L3GD20H Datasheet HTML 50Page - STMicroelectronics L3GD20H Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
DocID023469 Rev 2
47/52
L3GD20H
Register description
WAIT bit has the following meaning:
Wait =’0’: the interrupt falls immediately if signal crosses the selected threshold
Wait =’1’: if signal crosses the selected threshold, the interrupt falls after a number of
samples equal to the duration counter register value.
Figure 24. Wait disabled
Figure 25. Wait enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52