データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L3GD20HTR データシート(PDF) 20 Page - STMicroelectronics

部品番号 L3GD20HTR
部品情報  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20HTR データシート(HTML) 20 Page - STMicroelectronics

Back Button L3GD20HTR Datasheet HTML 16Page - STMicroelectronics L3GD20HTR Datasheet HTML 17Page - STMicroelectronics L3GD20HTR Datasheet HTML 18Page - STMicroelectronics L3GD20HTR Datasheet HTML 19Page - STMicroelectronics L3GD20HTR Datasheet HTML 20Page - STMicroelectronics L3GD20HTR Datasheet HTML 21Page - STMicroelectronics L3GD20HTR Datasheet HTML 22Page - STMicroelectronics L3GD20HTR Datasheet HTML 23Page - STMicroelectronics L3GD20HTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Digital main blocks
L3GD20H
20/52
DocID023469 Rev 2
Figure 8. FIFO mode
4.2.3
Stream mode - dynamic stream
Stream mode (FIFO_CTRL(FM2:0) = 010) provides continuous FIFO update: as new data
arrives the older is discarded.
An overrun interrupt can be enabled, CTRL3(INT2_ORun)= '1', in order to read the whole
FIFO content at once. If in the application no data can be lost and it is not possible to read at
least one sample for each axis within one ODR period, a FIFO Threshold interrupt can be
enabled in order to read partially the FIFO and let free memory slots for data incoming.
Setting the FIFO_CTRL(FTH4:0) to N value, the number of Yaw, Pitch and Roll data
samples that should be read at FIFO Threshold interrupt rising is up to (N+1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52