データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LIS2HH12 データシート(PDF) 45 Page - STMicroelectronics

部品番号 LIS2HH12
部品情報  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 データシート(HTML) 45 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 39Page - STMicroelectronics LIS2HH12 Datasheet HTML 40Page - STMicroelectronics LIS2HH12 Datasheet HTML 41Page - STMicroelectronics LIS2HH12 Datasheet HTML 42Page - STMicroelectronics LIS2HH12 Datasheet HTML 43Page - STMicroelectronics LIS2HH12 Datasheet HTML 44Page - STMicroelectronics LIS2HH12 Datasheet HTML 45Page - STMicroelectronics LIS2HH12 Datasheet HTML 46Page - STMicroelectronics LIS2HH12 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
DocID025344 Rev 5
45/47
LIS2HH12
Package information
47
Figure 17. Reel information for carrier tape of LGA-12 package
Table 63. Reel dimensions for carrier tape of LGA-12 package
Reel dimensions (mm)
A (max)
330
B (min)
1.5
C
13 ±0.25
D (min)
20.2
N (min)
60
G
12.4 +2/-0
T (max)
18.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47