| データシートサーチシステム |
|
MP33AB01 データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MP33AB01 データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 13 page ![]() Absolute maximum ratings MP33AB01 6/13 DocID24159 Rev 2 3 Absolute maximum ratings Stresses above those listed as “Absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device under these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Table 5. Absolute maximum ratings Symbol Ratings Maximum value Unit Vdd Supply voltage -0.5 to 4 V TSTG Storage temperature range -40 to +100 °C This device is sensitive to mechanical shock, improper handling can cause permanent damage to the part. This device is ESD-sensitive, improper handling can cause permanent damage to the part. |