データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP33AB01H データシート(PDF) 6 Page - STMicroelectronics

部品番号 MP33AB01H
部品情報  MEMS audio surface-mount bottom-port silicon microphone with analog output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP33AB01H データシート(HTML) 6 Page - STMicroelectronics

Back Button MP33AB01H Datasheet HTML 2Page - STMicroelectronics MP33AB01H Datasheet HTML 3Page - STMicroelectronics MP33AB01H Datasheet HTML 4Page - STMicroelectronics MP33AB01H Datasheet HTML 5Page - STMicroelectronics MP33AB01H Datasheet HTML 6Page - STMicroelectronics MP33AB01H Datasheet HTML 7Page - STMicroelectronics MP33AB01H Datasheet HTML 8Page - STMicroelectronics MP33AB01H Datasheet HTML 9Page - STMicroelectronics MP33AB01H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Absolute maximum ratings
MP33AB01H
6/13
DocID024171 Rev 3
3
Absolute maximum ratings
Stresses above those listed as “Absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 5. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.5 to 4
V
TSTG
Storage temperature range
-40 to +100
°C
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is ESD-sensitive, improper handling can cause permanent damage to the
part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13