| データシートサーチシステム |
|
MP45DT02-M データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MP45DT02-M データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 16 page ![]() MP45DT02-M Functionality DocID029435 Rev 1 11/16 5 Functionality 5.1 L/R channel selection The L/R digital pad lets the user select the DOUT signal pattern as explained in Table 7: "L/R channel selection". The L/R pin must be connected to Vdd or GND. Table 7: L/R channel selection L/R CLK low CLK high GND Data valid High impedence Vdd High impedence Data valid |