データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV70235DBVT データシート(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV70235DBVT
部品情報  300-mA, Low-IQ, Low-Dropout Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70235DBVT データシート(HTML) 24 Page - Texas Instruments

Back Button TLV70235DBVT Datasheet HTML 20Page - Texas Instruments TLV70235DBVT Datasheet HTML 21Page - Texas Instruments TLV70235DBVT Datasheet HTML 22Page - Texas Instruments TLV70235DBVT Datasheet HTML 23Page - Texas Instruments TLV70235DBVT Datasheet HTML 24Page - Texas Instruments TLV70235DBVT Datasheet HTML 25Page - Texas Instruments TLV70235DBVT Datasheet HTML 26Page - Texas Instruments TLV70235DBVT Datasheet HTML 27Page - Texas Instruments TLV70235DBVT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLV70212DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70212DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV70212DBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70212DBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV70213DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70213DBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70215DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV70215DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70215DBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV70215DBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70215PDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TLV70215PDBVT
SOT-23
DBV
5
250
178.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70218DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.3
3.2
1.4
4.0
8.0
Q3
TLV70218DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV70218DBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70218DBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TLV70218DBVT
SOT-23
DBV
5
250
178.0
8.4
3.3
3.2
1.4
4.0
8.0
Q3
TLV70218DBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Apr-2017
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33