| データシートサーチシステム |
|
NSAM266SAA/V データシート(PDF) 15 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSAM266SAA/V データシート(HTML) 15 Page - National Semiconductor (TI) |
|
15 / 52 page ![]() 10 Hardware (Continued) 144 Synchronous Timing Tables In this section RE means Rising Edge and FE means Falling Edge OUTPUT SIGNALS Symbol Figure Description Reference Conditions Min (ns) Max (ns) tAh 1-17 Address Hold After RE CTTL 00 tAv 1-17 Address Valid After RE CTTL T1 120 tCCLKa 1-15 CCLK Active After RE CTTL 120 tCCLKh 1-15 CCLK Hold After RE CTTL 00 tCCLKia 1-15 CCLK Inactive After RE CTTL 120 tCDOh 1-15 CDOUT Hold After RE CTTL 00 tCDOv 1-15 CDOUT Valid After RE CTTL 120 tCTp 1-22 CTTL Clock Period (Note A) RE CTTL to next RE CTTL 488 50000 tEMCSa 1-17 EMCS Active After RE CTTL T2W1 120 tEMCSh 1-17 EMCS Hold After RE CTTL 00 tEMCSia 1-17 EMCS Inactive After RE CTTL T3 120 tFSa 1-15 CFS0 Active After RE CTTL 250 tFSh 1-15 CFS0 Hold After RE CTTL 00 tFSia 1-15 CFS0 Inactive After RE CTTL 250 tMMCLKa 1-20 Master MICROWIRE Clock Active After RE CTTL 120 tMMCLKh 1-20 Master MICROWIRE Clock Hold After RE CTTL 00 tMMCLKia 1-20 Master MICROWIRE Clock Inactive After RE CTTL 120 tMMDOh 1-20 Master MICROWIRE Data Out Hold After RE CTTL 00 tMMDOv 1-20 Master MICROWIRE Data Out Valid After RE CTTL 120 tMWDOf 1-18 MICROWIRE Data Float (Note B) After RE MWCS 700 tMWDOh 1-18 MICROWIRE Data Out Hold (Note B) After FE MWCK 00 tMWDOnf 1-18 MICROWIRE Data No Float (Note B) After FE MWCS 00 700 tMWDOv 1-18 MICROWIRE Data Out Valid (Note B) After FE MWCK 700 tMWITOp 1-19 MWDIN to MWDOUT Propagation Time 700 tMWRDYa 1-18 MWRDY Active After RE of CTTL 00 350 tMWRDYia 1-18 MWRDY Inactive After FE MWCLK 00 700 tPABCh 1-21 PB and MWRQST After RE CTTL 00 tPABCv 1-21 PB and MWRQST After RE CTTL T2W1 120 Note A In normal operation mode tCTp must be 488 ns in power-down mode tCTp must be 50000 ns Note B Guaranteed by design but not fully tested http www nationalcom 15 |