| データシートサーチシステム |
|
STM3210GPRIMER データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM3210GPRIMER データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 7 page ![]() Development software STM8L-PRIMER STM32-PRIMER STMPRIMER 4/7 DocID13942 Rev 10 3 Development software The EvoPrimers require that the most recent version of the following software (for compiling, programming and debugging) is downloaded from the mcu-circle web site: • Ride7 development software toolset with an intuitive GUI for: – Project manager – Source code editor – High-level language debugger • A compiler: – GNU C/C++ compiler, no code size limitations (STM32) – Raisonance C compiler (STM8), free version up to 2 Kbytes code (Effective Date: April 1st, 2013). • CircleOS task scheduler for dynamic loading and management of new applications. • C source code for all sample applications and libraries including: – MEMs (GUI application controls) – TFT display (touchscreen, graphical interface, games, bitmap converter) – Audio record and playback (Primer2 and EvoPrimers) • Complete documentation is provided with the software installation. For more software and ideas, take a look at the dedicated online community and resources at www.stm8circle.com and www.stm32circle.com. |