| データシートサーチシステム |
|
STM32F303XB データシート(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303XB データシート(HTML) 103 Page - STMicroelectronics |
|
103 / 148 page ![]() 6.3.18 ADC characteristics Unless otherwise specified, the parameters given in Table 68 to Table 70 are guaranteed by design, with conditions summarized in Table 24. Table 68. ADC characteristics Symbol Parameter Conditions Min Typ Max Unit VDDA Analog supply voltage for ADC - 2 - 3.6 V IDDA ADC current consumption on VDDA pin (see Figure 32) Single-ended mode, 5 MSPS - 907 1033.0 µA Single-ended mode, 1 MSPS - 194 285.5 Single-ended mode, 200 KSPS - 51.5 70 Differential mode, 5 MSPS - 887.5 1009 Differential mode, 1 MSPS - 212 285 Differential mode, 200 KSPS -51 69.5 VREF+ Positive reference voltage - 2 - VDDA V VREF- Negative reference voltage - - 0 - IREF ADC current consumption on VREF+ pin (see Figure 33) Single-ended mode, 5 MSPS - 104 139 µA Single-ended mode, 1 MSPS - 20.4 37 Single-ended mode, 200 KSPS -3.3 11.3 Differential mode, 5 MSPS - 174 235 Differential mode, 1 MSPS - 34.6 52.6 Differential mode, 200 KSPS -6 13.6 |