| データシートサーチシステム |
|
STM32F303XB データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303XB データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 148 page ![]() Table 15. Alternate functions for port B Port & Pin Name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF12 AF15 PB0 - - TIM3_ CH3 TSC_ G3_IO2 TIM8_ CH2N - TIM1_CH2N - - - - - EVENT OUT PB1 - - TIM3_ CH4 TSC_ G3_IO3 TIM8_ CH3N - TIM1_CH3N - COMP4_ OUT - - - EVENT OUT PB2 - - - TSC_ G3_IO4 - - - - - - - - EVENT OUT PB3 JTDO- TRACES WO TIM2_ CH2 TIM4_ ETR TSC_ G5_IO1 TIM8_ CH1N SPI1_ SCK SPI3_SCK, I2S3_CK USART2_ TX - - TIM3_ ETR - EVENT OUT PB4 NJTRST TIM16_ CH1 TIM3_ CH1 TSC_ G5_IO2 TIM8_ CH2N SPI1_ MISO SPI3_MISO, I2S3ext_SD USART2_ RX - - TIM17_ BKIN - EVENT OUT PB5 - TIM16_ BKIN TIM3_ CH2 TIM8_ CH3N I2C1_ SMBA SPI1_ MOSI SPI3_MOSI, I2S3_SD USART2_ CK - - TIM17_ CH1 - EVENT OUT PB6 - TIM16_ CH1N TIM4_ CH1 TSC_ G5_IO3 I2C1_SCL TIM8_CH1 TIM8_ ETR USART1_ TX - - TIM8_ BKIN2 - EVENT OUT PB7 - TIM17_ CH1N TIM4_ CH2 TSC_ G5_IO4 I2C1_ SDA TIM8_ BKIN - USART1_ RX - - TIM3_ CH4 - EVENT OUT PB8 - TIM16_ CH1 TIM4_ CH3 TSC_ SYNC I2C1_SCL - - - COMP1_ OUT CAN_RX TIM8_ CH2 TIM1_ BKIN EVENT OUT PB9 - TIM17_ CH1 TIM4_ CH4 I2C1_ SDA - IR_OUT - COMP2_ OUT CAN_TX TIM8_ CH3 - EVENT OUT PB10 - TIM2_ CH3 - TSC_ SYNC - - - USART3_ TX - - - - EVENT OUT PB11 - TIM2_ CH4 - TSC_ G6_IO1 - - - USART3_ RX - - - - EVENT OUT PB12 - - - TSC_ G6_IO2 I2C2_ SMBA SPI2_NSS, I2S2_WS TIM1_ BKIN USART3_ CK - - - - EVENT OUT |