データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F303CC データシート(PDF) 42 Page - STMicroelectronics

部品番号 STM32F303CC
部品情報  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CC データシート(HTML) 42 Page - STMicroelectronics

Back Button STM32F303CC Datasheet HTML 38Page - STMicroelectronics STM32F303CC Datasheet HTML 39Page - STMicroelectronics STM32F303CC Datasheet HTML 40Page - STMicroelectronics STM32F303CC Datasheet HTML 41Page - STMicroelectronics STM32F303CC Datasheet HTML 42Page - STMicroelectronics STM32F303CC Datasheet HTML 43Page - STMicroelectronics STM32F303CC Datasheet HTML 44Page - STMicroelectronics STM32F303CC Datasheet HTML 45Page - STMicroelectronics STM32F303CC Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 148 page
background image
Pinouts and pin description
STM32F303xB STM32F303xC
42/148
DocID023353 Rev 13
B5
90
56
40
PB4
I/O FT
-
SPI3_MISO, I2S3ext_SD,
SPI1_MISO, USART2_RX,
TIM3_CH1, TIM16_CH1,
TIM17_BKIN, TIM8_CH2N,
TSC_G5_IO2, NJTRST,
EVENTOUT
-
A6
91
57
41
PB5
I/O FT
-
SPI3_MOSI, SPI1_MOSI,
I2S3_SD, I2C1_SMBA,
USART2_CK, TIM16_BKIN,
TIM3_CH2, TIM8_CH3N,
TIM17_CH1, EVENTOUT
-
B6
92
58
42
PB6
I/O FTf
-
I2C1_SCL, USART1_TX,
TIM16_CH1N, TIM4_CH1,
TIM8_CH1,TSC_G5_IO3,
TIM8_ETR, TIM8_BKIN2,
EVENTOUT
-
C5
93
59
43
PB7
I/O FTf
-
I2C1_SDA, USART1_RX,
TIM3_CH4, TIM4_CH2,
TIM17_CH1N, TIM8_BKIN,
TSC_G5_IO4, EVENTOUT
-
A7
94
60
44
BOOT0
I
B
-
Boot memory selection
D5
95
61
45
PB8
I/O FTf
-
I2C1_SCL, CAN_RX,
TIM16_CH1, TIM4_CH3,
TIM8_CH2, TIM1_BKIN,
TSC_SYNC, COMP1_OUT,
EVENTOUT
-
C6
96
62
46
PB9
I/O FTf
-
I2C1_SDA, CAN_TX,
TIM17_CH1, TIM4_CH4,
TIM8_CH3, IR_OUT,
COMP2_OUT, EVENTOUT
-
B7
97
-
-
PE0
I/O FT (1)
USART1_TX, TIM4_ETR,
TIM16_CH1, EVENTOUT
-
A8
98
-
-
PE1
I/O FT (1)
USART1_RX, TIM17_CH1,
EVENTOUT
-
C7
99
63
47
VSS
S
-
-
Ground
A9,
A10,
B10,
B8
100
64
48
VDD
S
-
-
Digital power supply
Table 13. STM32F303xB/STM32F303xC pin definitions (continued)
Pin number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More