データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L151X6 データシート(PDF) 39 Page - STMicroelectronics

部品番号 STM32L151X6
部品情報  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151X6 データシート(HTML) 39 Page - STMicroelectronics

Back Button STM32L151X6 Datasheet HTML 35Page - STMicroelectronics STM32L151X6 Datasheet HTML 36Page - STMicroelectronics STM32L151X6 Datasheet HTML 37Page - STMicroelectronics STM32L151X6 Datasheet HTML 38Page - STMicroelectronics STM32L151X6 Datasheet HTML 39Page - STMicroelectronics STM32L151X6 Datasheet HTML 40Page - STMicroelectronics STM32L151X6 Datasheet HTML 41Page - STMicroelectronics STM32L151X6 Datasheet HTML 42Page - STMicroelectronics STM32L151X6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
DocID17659 Rev 12
39/133
STM32L151x6/8/B STM32L152x6/8/B
Pin descriptions
48
35 26 F5
M5
18
PB0
I/O
TC
PB0
TIM3_CH3/LCD_SEG5
ADC_IN8/
COMP1_INP/
VREF_OUT
36 27 G5 M6
19
PB1
I/O
FT
PB1
TIM3_CH4/LCD_SEG6
ADC_IN9/
COMP1_INP/
VREF_OUT
37 28 G6
L6
20
PB2
I/O
FT
PB2/BOOT1
BOOT1
-
38
-
-
M7
-
PE7
I/O
TC
PE7
-
ADC_IN22/
COMP1_INP
39
-
-
L7
-
PE8
I/O
TC
PE8
-
ADC_IN23/
COMP1_INP
40
-
-
M8
-
PE9
I/O
TC
PE9
TIM2_CH1_ETR
ADC_IN24/
COMP1_INP
41
-
-
L8
-
PE10
I/O
TC
PE10
TIM2_CH2
ADC_IN25/
COMP1_INP
42
-
-
M9
-
PE11
I/O
FT
PE11
TIM2_CH3
-
43
-
-
L9
-
PE12
I/O
FT
PE12
TIM2_CH4/SPI1_NSS
-
44
-
-
M10
-
PE13
I/O
FT
PE13
SPI1_SCK
-
45
-
-
M11
-
PE14
I/O
FT
PE14
SPI1_MISO
-
46
-
-
M12
-
PE15
I/O
FT
PE15
SPI1_MOSI
-
47 29 G7 L10
21
PB10
I/O
FT
PB10
I2C2_SCL/USART3_TX/
TIM2_CH3/LCD_SEG10
-
48 30 H7 L11
22
PB11
I/O
FT
PB11
I2C2_SDA/USART3_RX/
TIM2_CH4/LCD_SEG11
-
49 31 D6 F12 23
VSS_1
S-
VSS_1
--
50 32 E6 G12 24
VDD_1
S-
VDD_1
--
51 33 H8 L12
25
PB12
I/O
FT
PB12
SPI2_NSS/I2C2_SMBA/
USART3_CK/
LCD_SEG12/TIM10_CH1
ADC_IN18/
COMP1_INP
52 34 G8 K12 26
PB13
I/O
FT
PB13
SPI2_SCK/USART3_CTS/
LCD_SEG13/
TIM9_CH1
ADC_IN19/
COMP1_INP
Table 8. STM32L151x6/8/B and STM32L152x6/8/B pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pins functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More