| データシートサーチシステム |
|
NSC800 データシート(PDF) 35 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSC800 データシート(HTML) 35 Page - National Semiconductor (TI) |
|
35 / 76 page ![]() 125 16-Bit Loads (Continued) PUSH qq Push the contents of register pair qq onto the memory stack (SP–1) wqqH No flags affected (SP–2) wqqL SP w SP b 2 76543210 PUSH BC 11 rs 0101 PUSH DE PUSH HL PUSH AF Timing M cycles3 T states11 (5 3 3) Addressing Mode SourceRegister DestinationRegister Indirect (Stack) 76 5 43210 PUSH IX (for NXe0) 11NX 11101 PUSH IY (for NXe1) 11 1 00101 Timing M cycles3 T states15 (4 5 3 3) Addressing Mode SourceRegister DestinationRegister Indirect (Stack) MEMORY TO REGISTER LD rr (nn) Load 16-bit register from memory location nn rrL w (nn) No flags affected rrH w (nn a 1) 76543210 LD HL (nn) 00101010 (note an alternate opcode below) n (low-order byte) n (high-order byte) Timing M cycles5 T states16 (4 3 3 3 3) Addressing Mode SourceDirect DestinationRegister 76543210 LD BC (nn) LD DE (nn) 11101101 LD HL (nn) LD SP (nn) 01 rp 0011 n (low-order byte) n (high-order byte) Timing M cycles6 T states20 (4 4 3 3 3 3) Addressing Mode SourceDirect DestinationRegister 76 5 43210 LD IX (nn)(for NX e 0) 11NX 11101 LD IY (nn) (for NX e 1) 00 1 01010 n (low-order byte) n (high-order byte) Timing M cycles6 T states20 (4 4 3 3 3 3) Addressing Mode SourceDirect DestinationRegister POP qq Pop the contents of the memory stack to register qq qqL w (SP) No flags affected qqH w (SP a 1) SP w SP a 2 76543210 POP BC 11 rs 0001 POP DE POP HL POP AF Timing M cycles3 T states10 (4 3 3) Addressing Mode SourceRegister Indirect (Stack) DestinationRegister 76 5 43210 POP IX (for NXe0) 11NX 11101 POP IY (for NXe1) 11 1 00001 Timing M cycles4 T states14 (4 4 3 3) Addressing Mode SourceRegister Indirect (Stack) DestinationRegister 35 |