データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L151VB データシート(PDF) 41 Page - STMicroelectronics

部品番号 STM32L151VB
部品情報  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VB データシート(HTML) 41 Page - STMicroelectronics

Back Button STM32L151VB Datasheet HTML 37Page - STMicroelectronics STM32L151VB Datasheet HTML 38Page - STMicroelectronics STM32L151VB Datasheet HTML 39Page - STMicroelectronics STM32L151VB Datasheet HTML 40Page - STMicroelectronics STM32L151VB Datasheet HTML 41Page - STMicroelectronics STM32L151VB Datasheet HTML 42Page - STMicroelectronics STM32L151VB Datasheet HTML 43Page - STMicroelectronics STM32L151VB Datasheet HTML 44Page - STMicroelectronics STM32L151VB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 133 page
background image
DocID17659 Rev 12
41/133
STM32L151x6/8/B STM32L152x6/8/B
Pin descriptions
48
71 45 B8 A12 33
PA12
I/O
FT
PA12
USART1_RTS/
SPI1_MOSI
USB_DP
72 46 A8 A11
34
PA13
I/O
FT
JTMS-
SWDIO
JTMS-SWDIO
-
73
-
-
C11
-
PH2
I/O
FT
PH2
-
-
74 47 D5 F11
35
VSS_2
S-
VSS_2
--
75 48 E5 G11 36
VDD_2
S-
VDD_2
--
76 49 A7 A10 37
PA14
I/O
FT
JTCK
-SWCLK
JTCK-SWCLK
-
77 50 A6
A9
38
PA15
I/O
FT
JTDI
TIM2_CH1_ETR/PA15/
SPI1_NSS/
LCD_SEG17
-
78 51 B7 B11
-
PC10
I/O
FT
PC10
USART3_TX/LCD_SEG28
/LCD_SEG40/LCD_COM4
-
79 52 B6 C10
-
PC11
I/O
FT
PC11
USART3_RX/LCD_SEG29
/LCD_SEG41/LCD_COM5
-
80 53 C5 B10
-
PC12
I/O
FT
PC12
USART3_CK/LCD_SEG30
/LCD_SEG42/LCD_COM6
-
81
-
-
C9
-
PD0
I/O
FT
PD0
SPI2_NSS/TIM9_CH1
-
82
-
-
B9
-
PD1
I/O
FT
PD1
SPI2_SCK
-
83 54 B5
C8
-
PD2
I/O
FT
PD2
TIM3_ETR/LCD_SEG31/
LCD_SEG43/LCD_COM7
-
84
-
-
B8
-
PD3
I/O
FT
PD3
USART2_CTS/
SPI2_MISO
-
85
-
-
B7
-
PD4
I/O
FT
PD4
USART2_RTS/
SPI2_MOSI
-
86
-
-
A6
-
PD5
I/O
FT
PD5
USART2_TX
-
87
-
-
B6
-
PD6
I/O
FT
PD6
USART2_RX
-
88
-
-
A5
-
PD7
I/O
FT
PD7
USART2_CK/TIM9_CH2
-
89 55 A5
A8
39
PB3
I/O
FT
JTDO
TIM2_CH2/PB3/
SPI1_SCK/LCD_SEG7/
JTDO
COMP2_INM
Table 8. STM32L151x6/8/B and STM32L152x6/8/B pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pins functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More