データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F411RET7 データシート(PDF) 39 Page - STMicroelectronics

部品番号 STM32F411RET7
部品情報  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RET7 データシート(HTML) 39 Page - STMicroelectronics

Back Button STM32F411RET7 Datasheet HTML 35Page - STMicroelectronics STM32F411RET7 Datasheet HTML 36Page - STMicroelectronics STM32F411RET7 Datasheet HTML 37Page - STMicroelectronics STM32F411RET7 Datasheet HTML 38Page - STMicroelectronics STM32F411RET7 Datasheet HTML 39Page - STMicroelectronics STM32F411RET7 Datasheet HTML 40Page - STMicroelectronics STM32F411RET7 Datasheet HTML 41Page - STMicroelectronics STM32F411RET7 Datasheet HTML 42Page - STMicroelectronics STM32F411RET7 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 149 page
background image
DocID026289 Rev 6
39/149
STM32F411xC STM32F411xE
Pinouts and pin description
56
-
-
-
5
D2
PE6
I/O FT
-
TRACED3,
TIM9_CH2,
SPI4_MOSI/I2S4_SD,
SPI5_MOSI/I2S5_SD,
EVENTOUT
-
--
--
D3
VSS
S
-
-
-
-
--
--
C4
VDD
S
-
-
-
-
1
1
B7
6
E2
VBAT
S
-
-
-
-
22
D5
7
C1
PC13-
ANTI_TAMP
I/O FT (2)(3)
-
RTC_AMP1,
RTC_OUT, RTC_TS
33
C7
8
D1
PC14-
OSC32_IN
I/O FT
(2)(3)
(4)
-
OSC32_IN
44
C6
9
E1
PC15-
OSC32_OUT
I/O FT
-
-
OSC32_OUT
-
-
-
10
F2
VSS
S
-
-
-
-
--
-
11
G2
VDD
S
-
-
-
-
5
5
D7
12
F1
PH0 - OSC_IN
I/O FT
-
-
OSC_IN
66
D6
13
G1
PH1 -
OSC_OUT
I/O FT
-
-
OSC_OUT
7
7
E7
14
H2
NRST
I/O FT
-
EVENTOUT
-
-
8
-
15
H1
PC0
I/O FT
-
EVENTOUT
ADC1_10
-
9
-
16
J2
PC1
I/O FT
-
EVENTOUT
ADC1_11
-
10
-
17
J3
PC2
I/O FT
-
SPI2_MISO,
I2S2ext_SD,
EVENTOUT
ADC1_12
-
11
-
18
K2
PC3
I/O FT
-
SPI2_MOSI/I2S2_SD,
EVENTOUT
ADC1_13
--
-
19
-
VDD
S
-
-
-
-
8
12
E6
20
J1
VSSA
S
-
-
-
-
-
-
-
-
K1
VREF-
S
-
-
-
-
9
13F721
L1
VREF+
S
-
-
-
-
-
-
-
22
M1
VDDA
S
-
-
-
-
Table 8. STM32F411xC/xE pin definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More