データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECBB データシート(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECBB
部品情報  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB データシート(HTML) 75 Page - Texas Instruments

Back Button OMAP3530ECBB Datasheet HTML 71Page - Texas Instruments OMAP3530ECBB Datasheet HTML 72Page - Texas Instruments OMAP3530ECBB Datasheet HTML 73Page - Texas Instruments OMAP3530ECBB Datasheet HTML 74Page - Texas Instruments OMAP3530ECBB Datasheet HTML 75Page - Texas Instruments OMAP3530ECBB Datasheet HTML 76Page - Texas Instruments OMAP3530ECBB Datasheet HTML 77Page - Texas Instruments OMAP3530ECBB Datasheet HTML 78Page - Texas Instruments OMAP3530ECBB Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-3. Ball Characteristics (CUS Pkg.) (continued)
BALL
BALL TOP [2] PIN NAME [3] MODE [4]
TYPE [5]
BALL RESET BALL RESET RESET REL.
POWER [9]
HYS [10]
BUFFER
PULLUP
BOTTOM [1]
STATE [6]
REL. STATE
MODE [8]
STRENG TH
/DOWN TYPE
[7]
(mA) [11]
[12]
dss_data4
3
IO
gpio_92
4
IO
safe_mode
7
W21
dss_data23
0
O
L
L
7
vdds
NA
4
PU/ PD
LVCMOS
dss_data5
3
IO
gpio_93
4
IO
safe_mode
7
AA23
tv_out2
0
O
Z
0
0
vdda_dac
8
NA
10-bit DAC
AB24
tv_out1
0
O
Z
0
0
vdda_dac
8
NA
10-bit DAC
AB23
tv_vfb1
0
O
Z
NA
0
vdda_dac
NA
10-bit DAC
Y23
tv_vfb2
0
O
Z
NA
0
vdda_dac
NA
10-bit DAC
Y24
tv_vref
0
I
Z
NA
0
vdda_dac
NA
10-bit DAC
A22
cam_hs
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_94
4
IO
safe_mode
7
E18
cam_vs
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_95
4
IO
safe_mode
7
B22
cam_ xclka
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_96
4
IO
safe_mode
7
J19
cam_pclk
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_97
4
IO
safe_mode
7
H24
cam_fld
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
cam_global_re 2
IO
set
gpio_98
4
IO
safe_mode
7
AB18
cam_d0
0
I
L
L
7
vdds
Yes
4
PD
LVCMOS
gpio_99
4
I
safe_mode
7
AC18
cam_d1
0
I
L
L
7
vdds
Yes
4
PD
LVCMOS
gpio_100
4
I
safe_mode
7
G19
cam_d2
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_101
4
IO
safe_mode
7
F19
cam_d3
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_102
4
IO
safe_mode
7
G20
cam_d4
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_103
4
IO
safe_mode
7
B21
cam_d5
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_104
4
IO
safe_mode
7
L24
cam_d6
0
I
L
L
7
vdds
NA
4
PD
LVCMOS
gpio_105
4
IO
safe_mode
7
K24
cam_d7
0
I
L
L
7
vdds
NA
4
PD
LVCMOS
gpio_106
4
IO
safe_mode
7
J23
cam_d8
0
I
L
L
7
vdds
NA
4
PD
LVCMOS
gpio_107
4
IO
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
75
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More