データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECBB72 データシート(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECBB72
部品情報  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 データシート(HTML) 42 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 38Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 39Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 40Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 41Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 42Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 43Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 44Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 45Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
gpt8_pwm_e 1
IO
vt
hsusb2_tll_
2
IO
data3
hsusb2_
3
IO
data3
gpio_182
4
IO
mm2_txen_n 5
IO
safe_mode
7
AE25
NA
sys_32k
0
I
Z
I
NA
vdds
Yes
NA
NA
LVCMOS
AE17
NA
sys_xtalin
0
I
Z
I
NA
vdds
NA
NA
NA
LVCMOS
AF17
NA
sys_xtalout
0
O
Z
O
NA
vdds
NA
NA
NA
LVCMOS
AF25
NA
sys_clkreq
0
IO
0
1
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_1
4
IO
safe_mode
7
AF26
NA
sys_nirq
0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_0
4
IO
safe_mode
7
AH25
NA
sys_
0
I
Z
I
NA
vdds
Yes
NA
NA
LVCMOS
nrespwron
AF24
NA
sys_
0
IOD
0
1 (PU)
0
vdds
Yes
8
PU/ PD
LVCMOS
nreswarm
gpio_30
4
IO
Open Drain
safe_mode
7
AH26
NA
sys_boot0
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_2
4
IO
safe_mode
7
AG26
NA
sys_boot1
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_3
4
IO
safe_mode
7
AE14
NA
sys_boot2
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_4
4
IO
safe_mode
7
AF18
NA
sys_boot3
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_5
4
IO
safe_mode
7
AF19
NA
sys_boot4
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
mmc2_dir_da 1
O
t2
gpio_6
4
IO
safe_mode
7
AE21
NA
sys_boot5
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
mmc2_dir_da 1
O
t3
gpio_7
4
IO
safe_mode
7
AF21
NA
sys_boot6
0
I
Z
Z
0
vdds
Yes
4
PU/ PD
LVCMOS
gpio_8
4
IO
safe_mode
7
AF22
NA
sys_off_
0
O
0
L
7
vdds
Yes
8
PU/ PD
LVCMOS
mode
gpio_9
4
IO
safe_mode
7
AG25
NA
sys_clkout1
0
O
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_10
4
IO
safe_mode
7
AE22
NA
sys_clkout2
0
O
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_186
4
IO
42
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More