| データシートサーチシステム |
|
PI2002-EVAL1 データシート(PDF) 6 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
PI2002-EVAL1 データシート(HTML) 6 Page - Vicor Corporation |
|
6 / 11 page ![]() Picor Corporation • www.picorpower.com PI2002-EVAL1 User Guide Rev 1.0 Page 6 of 11 3.0 Over Current Timer: OCT The OCT off-time is set with the OCT capacitor, where the specific value can be determined from Figure 5. Every time an overcurrent condition occurs the PI2002 pulls the Gate pin low, discharges the OCT capacitor and then starts to charge it again over the programmed off-time. Only when the OCT capacitor voltage reaches the OCT threshold (1.75 V) will the Gate pin then start to charge the MOSFET gates. 4.0 Short Circuit Detect: SCD SCD pin can be connected to the load directly or programmed to a higher voltage with a resistor divider. SCD function allows the user to define the (Hard Short) voltage level expected if a non-ideal short circuit occurs at the load. This feature enables distinguishing between a faulted load versus powering capacitive and low resistive loads without entering the OCT mode. This pin can be grounded to provide a fast gate charge or pulled to Vc for lower gate current to drive highly capacitive loads with resulting slow gate charge under the fault condition. 5.0 Auxiliary Power Supply (Vaux): 5.1 The PI2002 Controller has a separate input (VC) that provides power to the control circuitry and the gate driver. An internal voltage regulator (VC) clamps the VC voltage to 15.5 V typically. 5.2 Connect independent power source to Vaux inputs of PI2002-EVAL1 Evaluation Board to supply power to the VC input. The Vaux voltage should be 5V higher than Vin (redundant power source output voltage) to fully enhance the MOSFET. If the MOSFET is replaced with a different MOSFET, make sure that the Vaux voltage is equal to Vin + 0.5 V + the required voltage to enhance the MOSFET. 5.3 10 Ω bias resistors (Rbias, reference designators R11 and R22) are installed on the PI2002-EVAL1 between each Vaux input and VC pin of one of the PI2002 controller. 5.4 If Vaux is higher than the Clamp voltage, 15.5 V typical, the Rbias value has to be changed using the following equations: 5.4.1 Select the value of Rbias using the following equations: Rbias = Vauxmin –VCclampMAX ICmax 5.4.2 Calculate Rbias maximum power dissipation: PdRbias = (Vauxmax –VCclampMIN)2 ICmax Where: Vauxmin : Vaux minimum voltage Vauxmax : Vaux maximum voltage VCClampMAX : Maximum controller clamp voltage, 16.0 V VCClampMIN : Minimum controller clamp voltage, 14.0 V ICmax : Controller maximum bias current, use 4.2 mA Figure 5 – OCT off time vs. OCT capacitor value |