データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OMAP3530ECBBAR データシート(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
部品番号 OMAP3530ECBBAR
部品情報  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR データシート(HTML) 39 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 35Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 36Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 37Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 38Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 39Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 40Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 41Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 42Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
uart1_cts
5
I
safe_mode
7
K26
NA
mcbsp1_fsx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi4_cs0
1
IO
mcbsp3_fsx
2
IO
gpio_161
4
IO
safe_mode
7
W21
NA
mcbsp1_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
clkx
mcbsp3_
2
IO
clkx
gpio_162
4
IO
safe_mode
7
H18
NA
uart3_cts_
0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
rctx
gpio_163
4
IO
safe_mode
7
H19
NA
uart3_rts_ sd 0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_164
4
IO
safe_mode
7
H20
NA
uart3_rx_ irrx 0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_165
4
IO
safe_mode
7
H21
NA
uart3_tx_ irtx 0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_166
4
IO
safe_mode
7
T28
NA
hsusb0_clk
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_120
4
IO
safe_mode
7
T25
NA
hsusb0_stp
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_121
4
IO
safe_mode
7
R28
NA
hsusb0_dir
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_122
4
IO
safe_mode
7
T26
NA
hsusb0_nxt
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_124
4
IO
safe_mode
7
T27
NA
hsusb0_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
data0
uart3_tx_ irtx 2
O
gpio_125
4
IO
safe_mode
7
U28
NA
hsusb0_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
data1
uart3_rx_ irrx 2
I
gpio_130
4
IO
safe_mode
7
U27
NA
hsusb0_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
data2
uart3_rts_ sd 2
O
gpio_131
4
IO
safe_mode
7
U26
NA
hsusb0_
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
data3
uart3_cts_
2
IO
rctx
gpio_169
4
IO
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
39
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More