| データシートサーチシステム |
|
OMAP3530ECBBLPD データシート(PDF) 176 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBLPD データシート(HTML) 176 Page - Texas Instruments |
|
176 / 265 page ![]() GPMC_FCLK gpmc_ncsx gpmc_nbe0_cle gpmc_nadv_ale gpmc_noe gpmc_nwe gpmc_a[16:1]_d[15:0] DATA GNF0 GNF1 GNF4 GNF6 GNF9 GNF3 030-035 GPMC_FCLK gpmc_ncsx gpmc_nbe0_cle gpmc_nadv_ale gpmc_noe gpmc_a[16:1]_d[15:0] gpmc_waitx DATA GNF10 GNF13 GNF14 GNF15 GNF12 030-034 OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Figure 6-15. GPMC/NAND Flash – Data Read Cycle Timing(1) (2) (3) (1) The GNF12 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after GNF12 functional clock cycles, input data is internally sampled by active functional clock edge. The GNF12 value must be stored inside AccessTime register bit field. (2) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. (3) In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0 ,1, 2, or 3. In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0 or 1. Figure 6-16. GPMC/NAND Flash – Data Write Cycle Timing 176 TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |