| データシートサーチシステム |
|
OMAP3530ECBBLPD データシート(PDF) 42 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBLPD データシート(HTML) 42 Page - Texas Instruments |
|
42 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued) BALL BALL TOP PIN NAME MODE [4] TYPE [5] BALL BALL RESET REL. POWER [9] HYS [10] BUFFER PULLUP IO CELL [13] BOTTOM [1] [2] [3] RESET RESET REL. MODE [8] STRENG TH /DOWN STATE [6] STATE [7] (mA) [11] TYPE [12] gpt8_pwm_e 1 IO vt hsusb2_tll_ 2 IO data3 hsusb2_ 3 IO data3 gpio_182 4 IO mm2_txen_n 5 IO safe_mode 7 AE25 NA sys_32k 0 I Z I NA vdds Yes NA NA LVCMOS AE17 NA sys_xtalin 0 I Z I NA vdds NA NA NA LVCMOS AF17 NA sys_xtalout 0 O Z O NA vdds NA NA NA LVCMOS AF25 NA sys_clkreq 0 IO 0 1 0 vdds Yes 8 PU/ PD LVCMOS gpio_1 4 IO safe_mode 7 AF26 NA sys_nirq 0 I H H 7 vdds Yes 4 PU/ PD LVCMOS gpio_0 4 IO safe_mode 7 AH25 NA sys_ 0 I Z I NA vdds Yes NA NA LVCMOS nrespwron AF24 NA sys_ 0 IOD 0 1 (PU) 0 vdds Yes 8 PU/ PD LVCMOS nreswarm gpio_30 4 IO Open Drain safe_mode 7 AH26 NA sys_boot0 0 I Z Z 0 vdds Yes 4 PU/ PD LVCMOS gpio_2 4 IO safe_mode 7 AG26 NA sys_boot1 0 I Z Z 0 vdds Yes 4 PU/ PD LVCMOS gpio_3 4 IO safe_mode 7 AE14 NA sys_boot2 0 I Z Z 0 vdds Yes 4 PU/ PD LVCMOS gpio_4 4 IO safe_mode 7 AF18 NA sys_boot3 0 I Z Z 0 vdds Yes 4 PU/ PD LVCMOS gpio_5 4 IO safe_mode 7 AF19 NA sys_boot4 0 I Z Z 0 vdds Yes 4 PU/ PD LVCMOS mmc2_dir_da 1 O t2 gpio_6 4 IO safe_mode 7 AE21 NA sys_boot5 0 I Z Z 0 vdds Yes 4 PU/ PD LVCMOS mmc2_dir_da 1 O t3 gpio_7 4 IO safe_mode 7 AF21 NA sys_boot6 0 I Z Z 0 vdds Yes 4 PU/ PD LVCMOS gpio_8 4 IO safe_mode 7 AF22 NA sys_off_ 0 O 0 L 7 vdds Yes 8 PU/ PD LVCMOS mode gpio_9 4 IO safe_mode 7 AG25 NA sys_clkout1 0 O L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_10 4 IO safe_mode 7 AE22 NA sys_clkout2 0 O L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_186 4 IO 42 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |