| データシートサーチシステム |
|
OMAP3530ECBCA データシート(PDF) 259 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBCA データシート(HTML) 259 Page - Texas Instruments |
|
259 / 265 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-Apr-2017 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 3530ECBCAMERCURY ACTIVE POP-FCBGA CBC 515 119 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 105 3530ECBC A 3530ECUSAGRM ACTIVE FCBGA CUS 423 90 Green (RoHS & no Sb/Br) SNAGCU Level-4-260C-72 HR -40 to 105 3530ECUS A OMAP3525ECBB ACTIVE POP-FCBGA CBB 515 168 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR 0 to 90 3525ECBB OMAP3525ECBBA ACTIVE POP-FCBGA CBB 515 168 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 105 3525ECBB A OMAP3525ECBC ACTIVE POP-FCBGA CBC 515 119 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR 0 to 90 3525ECBC OMAP3525ECBCA ACTIVE POP-FCBGA CBC 515 119 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 105 3525ECBC A OMAP3525ECUS ACTIVE FCBGA CUS 423 90 Green (RoHS & no Sb/Br) SNAGCU Level-4-260C-72 HR 0 to 90 3525ECUS OMAP3525ECUSA ACTIVE FCBGA CUS 423 90 Green (RoHS & no Sb/Br) SNAGCU Level-4-260C-72 HR -40 to 105 3525ECUS A OMAP3530ECBB ACTIVE POP-FCBGA CBB 515 168 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR 0 to 90 3530ECBB OMAP3530ECBB72 ACTIVE POP-FCBGA CBB 515 168 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR 0 to 90 3530ECBB72 OMAP3530ECBBA ACTIVE POP-FCBGA CBB 515 168 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 105 3530ECBB A OMAP3530ECBBALPD ACTIVE POP-FCBGA CBB 515 168 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 105 3530ECBB A OMAP3530ECBBAR ACTIVE POP-FCBGA CBB 515 1000 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR 3530ECBB A OMAP3530ECBBLPD ACTIVE POP-FCBGA CBB 515 168 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR 0 to 90 3530ECBB OMAP3530ECBC ACTIVE POP-FCBGA CBC 515 119 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR 0 to 90 3530ECBC OMAP3530ECBC72 ACTIVE POP-FCBGA CBC 515 119 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR 0 to 90 3530ECBC72 OMAP3530ECBCA ACTIVE POP-FCBGA CBC 515 119 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 105 3530ECBC A |