| データシートサーチシステム |
|
OMAP3530ECBCA データシート(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBCA データシート(HTML) 38 Page - Texas Instruments |
|
38 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued) BALL BALL TOP PIN NAME MODE [4] TYPE [5] BALL BALL RESET REL. POWER [9] HYS [10] BUFFER PULLUP IO CELL [13] BOTTOM [1] [2] [3] RESET RESET REL. MODE [8] STRENG TH /DOWN STATE [6] STATE [7] (mA) [11] TYPE [12] gpio_150 4 IO hsusb3_tll_cl 5 O k safe_mode 7 Y8 NA uart1_rx 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS mcbsp1_ clkr 2 IO mcspi4_clk 3 IO gpio_151 4 IO safe_mode 7 AE1 NA mcbsp4_ 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS clkx gpio_152 4 IO hsusb3_tll_ 5 IO data1 mm3_txse0 6 IO safe_mode 7 AD1 NA mcbsp4_dr 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_153 4 IO hsusb3_tll_ 5 IO data0 mm3_rxrcv 6 IO safe_mode 7 AD2 NA mcbsp4_dx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_154 4 IO hsusb3_tll_ 5 IO data2 mm3_txdat 6 IO safe_mode 7 AC1 NA mcbsp4_fsx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_155 4 IO hsusb3_tll_ 5 IO data3 mm3_txen_n 6 IO safe_mode 7 Y21 NA mcbsp1_ clkr 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS mcspi4_clk 1 IO gpio_156 4 IO safe_mode 7 AA21 NA mcbsp1_fsr 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS cam_global_r 2 IO eset gpio_157 4 IO safe_mode 7 V21 NA mcbsp1_dx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS mcspi4_ 1 IO simo mcbsp3_dx 2 IO gpio_158 4 IO safe_mode 7 U21 NA mcbsp1_dr 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS mcspi4_ 1 IO somi mcbsp3_dr 2 O gpio_159 4 IO safe_mode 7 T21 NA mcbsp_clks 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS cam_ shutter 2 O gpio_160 4 IO 38 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |